Part Number Hot Search : 
C2450 2SK177 350015 MMC4093 13000 C8025 TDA514 HE3A402
Product Description
Full Text Search
 

To Download VL-EBX-11G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  highlights ebx form factor pc/104 and pc/104- plus expansion with a full complement of on-board i/o. geode lx 800 processor 500 mhz performance with lower power draw. high performance video analog and lvds fat panel outputs for 18 and 24-bit displays. network support dual 10/100 ethernet provides fast network access and boot rom support. usb ports four usb 2.0 ports provide fexible i/o options for keyboard, mouse, foppy drives, and other devices. integrated i/o four com ports (two rs-232, two rs-232/422/485), one ide interface, and one lpt port with spp and enhanced modes. digital and analog i/o 32 lines of digital i/o, eight 12-bit analog channels, and three pulse width modulation (pwm) outputs. compactflash socket removable non-volatile media has no moving parts and is bootable. fanless operation no moving parts required for cpu cooling. embedded bios oem embedded features and frmware support. field-upgradeable, customization available. cost effective expansion pc/104, pc/104- plus and spx? expansion sites. versalogic corporation ? 3888 stewart road, eugene, or 97402 ? (541) 485-8575 ? fax (541) 485-5712 ? info@versalogic.com ? www.versalogic.com amd geode lx 800 processor up to 1gb ddr ram integrated video pc/104- plus expansion compactflash socket rohs-compliant standard and extended temp versions ? ? ? ? ? ? ? python ebx single board computer overview the python is a mid-performance single board computer that offers lower power consumption and superior performance over previous generation embedded computers. advancements in technology allow the python to be a more flexible core component in any embedded system, and reduce the amount of development time required to add specialized i/o or custom peripheral devices. the highly efficient amd lx 800 processor is integrated with a wide range of on-board i/o from standard pc/104 and pc/104- plus interfaces to versatile analog and digital i/o. with dual ethernet channels, usb 2.0 ports, rs-232 and rs-422 com ports, and fanless operation, the python is ideal for industrial control and data acquisition applications. the python is available in several versions, including models for standard and extended temperature operation. like all versalogic products, this small and efficient sbc is designed to support oem applications where high reliability and long-term availability are required. from application design-in to 5+ years production life, its quality and longevity provide a cost-effective, long-term solution. customization is available on as few as 100 pieces. the python is manufactured and tested to the highest quality standards, is compliant with rohs regulations, and is backed by a two year limited warranty. details the python features the amd lx 800 processor, which offers 500 mhz performance while drawing less than 5 watts of power. this highly-integrated processor, along with its companion chip, provide the majority of the pythons on-board i/o, including usb support, audio, and video. the high resolution video output can be configured for either standard desktop-type displays or lvds flat panels. for cost-effective i/o expansion without the need for additional pc/104 modules, the python includes versalogics new spx interface. spx modules provide an inexpensive solution for additional i/o including analog, digital, canbus, relay switching, and more. in addition, the simple spx interface, which is based on serial peripheral interface (spi) signaling, can be used to easily design custom user i/o devices. the board features a general software embedded bios with oem enhancements. this bios supports custom defaults and the addition of firmware and firmbase applications for security processes, remote booting, and other pre-os software functions. the python is compatible with a variety of popular operating systems, including windows, qnx, vxworks, and linux.
specif ications general processor amd geode lx 800 chipset amd geode cs5536 power requirements +5.0v 5% @ .90a (4.5w) typ. system reset and hardware monitors watchdog timeout voltage rail monitoring compatibility ebx: mechanically compatible. pc/104- plus : supports 3.3v pci signaling (2.1 compliant). spx: compliant rohs: compliant mechanical board size 5.75 x 8 (146 mm x 203 mm) storage temperature -40 to +85c operating temperature 0 to +60c (VL-EBX-11G) -40 to +85c (vl-ebx-11h) thermal shock 5c/min over operating temperature vibration, sinusoidal sweep 2g constant acceleration from 5 to 500hz, 20 minutes per axis, mil-std- 202g, method 204, modified condition a vibration, random .02g 2 /hz (5.35g rms) 15 minutes per axis, mil-std-202g, method 214a, condition a mechanical shock 30g half-sine, 11 ms duration per axis, mil-std-202g, method 213b, condition j humidity less than 95%, noncondensing memory system ram one 200-pin so-dimm socket. up to 1 gb of 333 mhz pc2700 compatible ddr ram. flash interface high-retention compactflash socket. dma supported. video general integrated high-performance video. up to 1600 x 1200 with 32-bit color. mmx? + 3dnow!? desktop display interface standard analog output. 2 mm idc connector. oem flat panel interface ? 18/24-bit lvds interface. cmos- selectable tft panel types. network interface ethernet* dual autodetect 10baset/100basetx ports. vertical rj-45 connectors. network boot option firmware-based argon managed boot agent. supports pxe, rpl, netware, tcp/ip (dhcp, bootp) remote boot protocols. device i/o usb* ? 4 usb 2.0/1.1 ports ide interface ata-5, udma66 interface. 44-pin 2 mm connector. com 1 & 2 interface* rs-232, 16c550 compatible. 115k baud max. com 3 & 4 interface* rs-232/422/485 selectable. 16c550 compatible. 460k baud max. lpt interface* standard pc parallel port. bi- directional/epp/ecp compatible. digital i/o 32-line digital i/o port, 3.3v only. analog input 8-channel, 12-bit port. pwm outputs and tach inputs ? 3 pwm (pulse width modulation) outputs and tachometer inputs. audio ac`97 stereo line in, stereo line out. at peripherals* ? keyboard and ps/2 mouse port. software operating systems compatible with most x86 operating systems, including windows ce/xpe, qnx, vxworks, and linux. bios general softwares embedded bios with oem enhancements. field reprogrammable. user-configurable cmos defaults. *?tvs ?protected? port?(enhanced?esd?protection) ??tachometer ? inputs ? can ? be ? used ? to ? time ? the ? interval ? between ? events ? or ? as ? feedback ? to ? pwm ? outputs ? ? power ?pins?on?this? port?are?protected?with?a?self-resetting?fuse data ? represents ? standard ? operation ? at ? 25c ? with ? 5? v? supply ? unless ? otherwise ? noted. ? specifications ? are ? subject ? to ? change? without? notice.? pc/104,? pc/104- plus, and ? ebx? are? trademarks? of? the? pc/104? consortium.? spx? is?a? trademark ? of? versalogic? corporation. versalogic corporation ? 3888 stewart road, eugene, or 97402 ? (541) 485-8575 ? fax (541) 485-5712 ? info@versalogic.com ? www.versalogic.com ordering information VL-EBX-11G ? ........................................... amd ? lx ? 800, ? standard ? temp. vl-ebx-11h ? .......................................... amd ? lx ? 800, ? extended ? temp. accessories vl-cbr-1009 ? ................................................. dual ? usb ? cable ? (rohs) vl-cbr-1201* ? ............................ analog ? video ? interface ? cable ? (rohs) vl-cbr-2003 ? ............................................ lpt ? interface ? cable ? (rohs) vl-cbr-2010 ? ................... lvds ? / ? fpd ? interface ? cable, ? hirose ? (rohs) vl-cbr-2011 ? ........................ lvds ? / ? fpd ? interface ? cable, ? jae ? (rohs) vl-cbr-2022* ? .................................. atx ? power ? adapter ? cable ? (rohs) vl-cbr-4004 ? ................................ field ? wiring ? breakout ? cable ? (rohs) vl-cbr-4405* ? ........................ 1 ? connector ? ide ? adapter ? board ? (rohs) vl-cbr-4406* .......................................... 2.5 ? ide ? drive ? cable ? (rohs) vl-cbr-5009* ? .................................... primary ? breakout ? cable ? (rohs) vl-ckr-pyth ? ...................................... development ? cable ? kit ? (rohs) vl-cdd-ide1 ? ............................................... cd-rw, ? dvd-rom ? drive vl-cf-clip1 ? ............................................ compactflash ? retention ? clip vl-dev-cd-l4 ? .......................... debian ? linux ? board ? support ? package vl-dev-cd-l6 ? .......................... debian ? linux ? board ? support ? package vl-encl-5c ? ..................................................... development ? enclosure vl-fdd-144u ? ............................................................ usb ? floppy ? drive vl-hdd25-xxx ? ....................................................... 2.5 ? ide ? hard ? drive vl-hdw-101* ............................................. hardware ? standoffs ? (rohs) vl-mm5d-xxx ? .......................................................... ddr ? ram ? module ? vl-spx-x ? ........................................... spx ? expansion ? modules ? (rohs) vl-cbr-1401 ? ............... cable ? assembly, ? for ? two ? spx ? modules ? (rohs) vl-cbr-1402 ............... cable ? assembly, ? for ? four ? spx ? modules ? (rohs) ? * ? included ? in ? vl-ckr-pyth ? cable ? kit python ebx single board computer 09/09/09


▲Up To Search▲   

 
Price & Availability of VL-EBX-11G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X